Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5821 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 1N5821
Descripción Electrónicos  SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5821 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N5821 Datasheet HTML 1Page - Fairchild Semiconductor 1N5821 Datasheet HTML 2Page - Fairchild Semiconductor 1N5821 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5820-1N5822, Rev. C
2001 Fairchild Semiconductor Corporation
Schottky Rectifiers
(continued)
Typical Characteristics
5
101520
25303540
0.01
0.1
1
10
100
R everse Voltage, V
R [V]
T = 125 C
º
J
T = 75 C
º
J
T = 25 C
º
J
1N5820
1N5822
1N5821
0
20
40
60
80
100
120
140
0
1
2
3
4
Lead Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5 mm LEAD
LENGTHS
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
20
Forward Voltage, V
F [V]
Pulse Width = 200
µµµµS
T = 25 C
º
J
1N5820
1N5822
1N5821
0.1
0.4
1
4
10
40
100
10
20
40
60
80
100
200
400
600
800
1000
Reverse Voltage, V
R [V]
12
5
10
20
50
100
10
20
30
40
50
60
70
80
Number of Cycles at 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non-Repetitive Surge Current
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance


Número de pieza similar - 1N5821

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5821 MOTOROLA-1N5821 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Vishay Siliconix
1N5821 VISHAY-1N5821 Datasheet
74Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Diotec Semiconductor
1N5821 DIOTEC-1N5821 Datasheet
58Kb / 2P
   Schottky Barrier Rectifiers
logo
Microsemi Corporation
1N5821 MICROSEMI-1N5821 Datasheet
1Mb / 8P
   3 Amp Axial Schottky Barrier Rectifiers
logo
Bytes
1N5821 BYTES-1N5821 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - 1N5821

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com