Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145170DT2 Datasheet(PDF) 7 Page - Motorola, Inc

No. de pieza MC145170DT2
Descripción Electrónicos  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170DT2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145170DT2 Datasheet HTML 3Page - Motorola, Inc MC145170DT2 Datasheet HTML 4Page - Motorola, Inc MC145170DT2 Datasheet HTML 5Page - Motorola, Inc MC145170DT2 Datasheet HTML 6Page - Motorola, Inc MC145170DT2 Datasheet HTML 7Page - Motorola, Inc MC145170DT2 Datasheet HTML 8Page - Motorola, Inc MC145170DT2 Datasheet HTML 9Page - Motorola, Inc MC145170DT2 Datasheet HTML 10Page - Motorola, Inc MC145170DT2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Electrical Characteristics
MOTOROLA
MC145170-2 Technical Data
7
2.1 Switching Waveforms
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Figure 6. Test Circuit
Figure 7. Test Circuit
10%
V
DD
V
SS
1/fclk
D
out
CLK
90%
50%
90%
50%
10%
t
PLH
t
PHL
t
TLH
t
THL
t
w
t
w
t
f
t
r
ENB
D
out
D
out
50%
V
DD
V
SS
50%
t
PZH
t
PZL
t
PLZ
50%
t
PHZ
10%
90%
V
DD
V
SS
High Impedance
High Impedance
D
in
CLK
50%
Valid
50%
t
su
t
h
V
DD
V
SS
V
DD
V
SS
CLK
ENB
50%
t
su
t
h
First CLK
Last CLK
t
rec
50%
V
DD
V
SS
V
DD
V
SS
t
w(H)
* Includes all probe and fixture capacitance.
Test Point
Device
Under
Test
CL*
Test Point
Device
Under
Test
CL*
*Includes all probe and fixture capacitance.
7.5 k
Connect to V
DD
when testing t
PLZ
AND t
PZL. Connect
to V
SS when testing
t
PHZ and tPZH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC145170DT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC145170DT2 LANSDALE-MC145170DT2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170DT2 FREESCALE-MC145170DT2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Descripción similar - MC145170DT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com