Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ27C256-25JM Datasheet(PDF) 6 Page - Austin Semiconductor

No. de pieza SMJ27C256-25JM
Descripción Electrónicos  256K UVEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C256-25JM Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button SMJ27C256-25JM Datasheet HTML 2Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 3Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 4Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 5Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 6Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 7Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 8Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 9Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UVEPROM
SMJ27C256
Austin Semiconductor, Inc.
SMJ27C256
Rev. 1.0 9/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
CAPACITANCE OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE AND OPERATING
FREE-AIR TEMPERATURE, f = 1MHz*
* Capacitance measurements are made on a sample basis only.
** Typical values are at T
A
= 25°C and nominal voltages.
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE
AND OPERATING FREE-AIR TEMPERATURE1,2
NOTES:
1.Timing measurements are made at 2V for logic high and 0.8V for logic low (see figure 2).
2. Common test conditions apply for t
dis
except during programming.
3. Value calculated from 0.5V delta to measured output level. This parameter is only sampled and not 100% tested.
TEST CONDITIONS
TYP**
MAX
UNIT
Ci
Input capacitance
VI = 0V
610
pF
Co
Output capacitance
VO = 0V
10
14
pF
PARAMETER
MIN MAX MIN MAX
ta(A)
Access time from address
150
170
ns
ta(E)
Access time from E\
150
170
ns
ten(G)R Output enable time from G\
70
70
ns
tdis
Disable time of output from G\ or E\,
whichever occurs first
3
055
0
55
ns
tv(A)
Output data valid time after change of
address, E\, or G\, whichever occurs first
3
00
ns
PARAMETER
-15
see Figure 2
-17
UNIT
TEST
CONDITIONS
1, 2
MIN MAX MIN MAX MIN MAX
ta(A)
Access time from address
200
250
300
ns
ta(E)
Access time from E\
200
250
300
ns
ten(G)R Output enable time from G\
75
100
120
ns
tdis
Disable time of output from G\ or E\,
whichever occurs first
3
0
60
0
60
0
105
ns
tv(A)
Output data valid time after change of
address, E\, or G\, whichever occurs first
3
000
ns
PARAMETER
-20
-25
see Figure 2
-30
UNIT
TEST
CONDITIONS
1, 2
SWITCHING CHARACTERISTICS FOR PROGRAMMING: V
CC = 6.5V and VPP = 13V (SNAP!
Pulse), T
A = 25°C
MIN
MAX
UNIT
tdis(G) Output disable time from G\
0
130
ns
ten(G)W Output enable time from G\
150
ns
PARAMETER


Número de pieza similar - SMJ27C256-25JM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SMJ27C256 SAMHOP-SMJ27C256 Datasheet
185Kb / 10P
   Built-in adjustable OSC
More results

Descripción similar - SMJ27C256-25JM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
   UVEPROM
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com