Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS380XX27 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS380XX27
Descripción Electrónicos  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS380XX27 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS380XX27 Datasheet HTML 2Page - Texas Instruments TPS380XX27 Datasheet HTML 3Page - Texas Instruments TPS380XX27 Datasheet HTML 4Page - Texas Instruments TPS380XX27 Datasheet HTML 5Page - Texas Instruments TPS380XX27 Datasheet HTML 6Page - Texas Instruments TPS380XX27 Datasheet HTML 7Page - Texas Instruments TPS380XX27 Datasheet HTML 8Page - Texas Instruments TPS380XX27 Datasheet HTML 9Page - Texas Instruments TPS380XX27 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
−50
−40
−30
−20
−10
0
10
20
30
40
50
−2
0
2
4
6
MR = OPEN
TA = 25°C
VDD − Supply Voltage − V
TPS3801J25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0.0
2.5
5.0
7.5
10.0
12.5
VDD = 2.5 V
MR = OPEN
TA = 85°C
TA = -40°C
IOL − Low-Level Output Current − mA
TA = 25°C
TA = 0°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
IOH − High-Level Output Current − mA
VDD = 6.0 V
MR = OPEN
TA = 85° C
0
−10
−20
−30
−40
−50
TA = -40° C
TA = 0° C
TA = 25° C
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
IOH − High-Level Output Current − mA
VDD = 2.5 V
MR = OPEN
TA = 85° C
0
−2
−4
−6
−8
−10
TA = -40° C
TA = 25° C
TA = 0° C
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219C – AUGUST 1999 – REVISED JULY 2003
TYPICAL CHARACTERISTICS
LOW-LEVEL OUTPUT VOLTAGE
SUPPLY CURRENT
vs
vs
LOW-LEVEL OUTPUT CURRENT
SUPPLY VOLTAGE
Figure 3.
Figure 4.
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 5.
Figure 6.
6


Número de pieza similar - TPS380XX27

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS380x-Q1 TI1-TPS380x-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
More results

Descripción similar - TPS380XX27

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com