Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD780138 Datasheet(PDF) 27 Page - NEC

No. de Pieza. UPD780138
Descripción  8-Bit Single-Chip Microcontrollers
Descarga  558 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD780138 Datasheet(HTML) 27 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 27 / 558 page
background image
CHAPTER 1 OUTLINE
User’s Manual U16228EJ2V0UD
27
1.4 Pin Configuration (Top View)
• 64-pin plastic LQFP (10 × 10)
• 64-pin plastic LQFP (14 × 14)
• 64-pin plastic TQFP (12 × 12)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
P40
P41
P42
P43
P50
P51
P52
P53
P00/TI000
P01/TI010/TO00
P02/SO11Note
P03/SI11Note
P04/SCK11Note
P05/SSI11Note/TI001Note
P06/TI011Note/TO01Note
EVDD
AVREF
AVSS
IC (VPP)
VDD
REGC
VSS
X1
X2
RESET
XT1
XT2
P130
P120/INTP0
P33/TI51/TO51/INTP4
P32/INTP3
P31/INTP2
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note SO11, SI11, SCK11, SSI11, TI001, TI011, and TO01 are available only in the
µPD780133, 780134,
78F0134, 780136, 780138, and 78F0138.
Cautions 1. Connect the IC (Internally Connected) pin directly to VSS.
2. Connect the AVSS pin to VSS.
3. Connect the REGC pin as follows.
Standard Product and (A) Grade
Product
(A1) Grade Product and (A2) Grade
Product
When regulator is used
Connect to VSS via a capacitor
(1
µF: recommended)
− (Regulator cannot be used.)
When regulator is not used
Connect directly to VDD
4. Connect the VPP pin to EVSS or VSS during normal operation.
Remark
Figures in parentheses apply to the
µPD78F0134 and 78F0138.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More