Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD780138 Datasheet(PDF) 29 Page - NEC

No. de Pieza. UPD780138
Descripción  8-Bit Single-Chip Microcontrollers
Descarga  558 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD780138 Datasheet(HTML) 29 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 29 / 558 page
background image
CHAPTER 1 OUTLINE
User’s Manual U16228EJ2V0UD
29
1.5 K1 Family Lineup
1.5.1 78K0/Kx1 product lineup
PD78F0103
Flash memory: 24 KB, RAM: 768 bytes
Mask ROM: 24 KB, RAM: 768 bytes
Mask ROM: 16 KB, RAM: 768 bytes
Mask ROM: 8 KB, RAM: 512 bytes
PD780103
PD780102
PD780101
78K0/KB1: 30-pin (7.62 mm 0.65 mm pitch)
PD78F0114
Flash memory: 32 KB, RAM: 1 KB
Mask ROM: 32 KB, RAM: 1 KB
Mask ROM: 24 KB, RAM: 1 KB
Mask ROM: 16 KB, RAM: 512 bytes
PD780114
PD780113
PD780112
Mask ROM: 8 KB, RAM: 512 bytes
PD780111
78K0/KC1: 44-pin (10
× 10 mm 0.8 mm pitch)
PD78F0124
Flash memory: 32 KB, RAM: 1 KB
Mask ROM: 32 KB, RAM: 1 KB
Mask ROM: 24 KB, RAM: 1 KB
Mask ROM: 16 KB, RAM: 512 bytes
PD780124
PD780123
PD780122
Mask ROM: 8 KB, RAM: 512 bytes
PD780121
78K0/KD1: 52-pin (10
× 10 mm 0.65 mm pitch)
PD78F0148
Flash memory: 60 KB, RAM: 2 KB
Mask ROM: 60 KB, RAM: 2 KB
Mask ROM: 48 KB, RAM: 2 KB
Mask ROM: 32 KB, RAM: 1 KB
PD780148
PD780146
PD780144
Mask ROM: 24 KB, RAM: 1 KB
PD780143
78K0/KF1: 80-pin (12
× 12 mm 0.5 mm pitch, 14 × 14 mm 0.65 mm pitch)
PD78F0134
Flash memory: 32 KB, RAM: 1 KB
Mask ROM: 32 KB, RAM: 1 KB
Mask ROM: 24 KB, RAM: 1 KB
Mask ROM: 16 KB, RAM: 512 bytes
PD780134
PD780133
PD780132
Mask ROM: 8 KB, RAM: 512 bytes
PD780131
PD78F0138
Flash memory: 60 KB, RAM: 2 KB
Mask ROM: 60 KB, RAM: 2 KB
Mask ROM: 48 KB, RAM: 2 KB
PD780138
PD780136
78K0/KE1: 64-pin (10
× 10 mm 0.5 mm pitch, 12 × 12 mm 0.65 mm pitch, 14 × 14 mm 0.8 mm pitch)
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More