Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD780138 Datasheet(PDF) 42 Page - NEC

No. de Pieza. UPD780138
Descripción  8-Bit Single-Chip Microcontrollers
Descarga  558 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD780138 Datasheet(HTML) 42 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 42 / 558 page
background image
CHAPTER 2 PIN FUNCTIONS
User’s Manual U16228EJ2V0UD
42
2.2.4 P30 to P33 (port 3)
P30 to P33 function as a 4-bit I/O port. These pins also function as pins for external interrupt request input and
timer I/O.
The following operation modes can be specified in 1-bit units.
(1) Port mode
P30 to P33 function as a 4-bit I/O port. P30 to P33 can be set to input or output in 1-bit units using port mode
register 3 (PM3). Use of an on-chip pull-up resistor can be specified by pull-up resistor option register 3 (PU3).
(2) Control mode
P30 to P33 function as external interrupt request input pins and timer I/O pins.
(a) INTP1 to INTP4
These are the external interrupt request input pins for which the valid edge (rising edge, falling edge, or both
rising and falling edges) can be specified.
(b) TI51
This is an external count clock input pin to 8-bit timer/event counter 51.
(c) TO51
This is a timer output pin.
2.2.5 P40 to P43 (port 4)
P40 to P43 function as a 4-bit I/O port. P40 to P43 can be set to input or output in 1-bit units using port mode
register 4 (PM4). Use of an on-chip pull-up resistor can be specified by pull-up resistor option register 4 (PU4).
2.2.6 P50 to P53 (port 5)
P50 to P53 function as a 4-bit I/O port. P50 to P53 can be set to input or output in 1-bit units using port mode
register 5 (PM5). Use of an on-chip pull-up resistor can be specified by pull-up resistor option register 5 (PU5).
2.2.7 P60 to P63 (port 6)
P60 to P63 function as a 4-bit I/O port. P60 to P63 can be set to input port or output port in 1-bit units using port
mode register 6 (PM6).
P60 to P63 are N-ch open-drain pins. Use of an on-chip pull-up resistor can be specified by a mask option only for
mask ROM versions.
2.2.8 P70 to P77 (port 7)
P70 to P77 function as an 8-bit I/O port. These pins also function as key interrupt input pins.
The following operation modes can be specified in 1-bit units.
(1) Port mode
P70 to P77 function as an 8-bit I/O port. P70 to P77 can be set to input or output in 1-bit units using port mode
register 7 (PM7). Use of an on-chip pull-up resistor can be specified by pull-up resistor option register 7 (PU7).
(2) Control mode
P70 to P77 function as key interrupt input pins.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn