Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD780138 Datasheet(PDF) 91 Page - NEC

No. de Pieza. UPD780138
Descripción  8-Bit Single-Chip Microcontrollers
Descarga  558 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD780138 Datasheet(HTML) 91 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 91 / 558 page
background image
CHAPTER 4 PORT FUNCTIONS
User’s Manual U16228EJ2V0UD
91
Table 4-2. Port Functions (1/2)
Pin Name
I/O
Function
After Reset
Alternate Function
P00
TI000
P01
TI010/TO00
P02
SO11
Note
P03
SI11
Note
P04
SCK11
Note
P05
SSI11
Note/TI001Note
P06
I/O
Port 0.
7-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a
software setting.
Input
TI011
Note/TO01Note
P10
SCK10/TxD0
P11
SI10/RxD0
P12
SO10
P13
TxD6
P14
RxD6
P15
TOH0
P16
TOH1/INTP5
P17
I/O
Port 1.
8-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a
software setting.
Input
TI50/TO50
P20 to P27
Input
Port 2.
8-bit input-only port.
Input
ANI0 to ANI7
P30 to P32
INTP1 to INTP3
P33
I/O
Port 3.
4-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a
software setting.
Input
INTP4/TI51/TO51
P40 to P43
I/O
Port 4.
4-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a
software setting.
Input
P50 to P53
I/O
Port 5.
4-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a
software setting.
Input
P60 to P63
I/O
Port 6.
4-bit I/O port (N-ch open drain).
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a mask
option only for mask ROM versions.
Input
P70 to P77
I/O
Port 7.
8-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be specified by a
software setting.
Input
KR0 to KR7
Note SO11, SI11, SCK11, SSI11, TI001, TI011, and TO01 are available only in the
µPD780133, 780134, 78F0134,
780136, 780138, and 78F0138.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn