Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8501AEFTCD46 Datasheet(PDF) 3 Page - Analog Microelectronics |
|
AME8501AEFTCD46 Datasheet(HTML) 3 Page - Analog Microelectronics |
3 / 14 page AME, Inc. 3 AME8500 / 8501 µµµµµProcessor Supervisory n Pin Configuration (contd.) SOT-89 Top View SOT-89 Top View SOT-89 Top View AME8500AEFT AME8501AEFT 1. GND 2. V DD 3. Reset/ResetB AME8500CEFT AME8501CEFT 1. V DD 2. GND 3. Reset/ResetB AME8500BEFT AME8501BEFT 1. Reset/ResetB 2. V DD 3. GND 13 2 AME8500 13 2 AME8500 13 2 AME8500 n Pin Description Pin Name Pin Description GND Ground RESETB/RESET This pin can be ordered as RESET or RESETB. RESET is active high. RESETB is active low. It is also available with an open drain or pushpull output. VDD Positive power supply. A reset is asserted after this voltage drops below a predetermined level. After VDD rises above that level the reset output remains asserted until the end of the reset timeout period. SOT-23-L Top View AME8500BEET AME8501BEET 1. Reset/ResetB 2. GND 3. V DD 12 3 AME8500 SOT-23-L Top View AME8500CEET AME8501CEET 1. Reset/ResetB 2. V DD 3. GND 12 3 AME8500 SOT-25 Top View AME8500BEEV AME8501BEEV 1. Reset/ResetB 2. V DD 3. GND 4. N/C 5. N/C 13 2 5 4 AME8500 |
Número de pieza similar - AME8501AEFTCD46 |
|
Descripción similar - AME8501AEFTCD46 |