Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7983BCPZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7983BCPZ-RL7
Descripción Electrónicos  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7983BCPZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7983BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7983BCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD7983
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, REF = 5 V, VIO = 3.3 V, unless otherwise noted.
1.25
–1.25
0
65536
CODE
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
16384
32768
49152
POSITIVE INL: 0.30LSB
NEGATIVE INL: –0.37LSB
Figure 6. Integral Nonlinearity vs. Code
120k
0
7FB6
0
0
0
0
55
CODE IN HEX
100k
80k
60k
40k
20k
7FB7 7FB8 7FB9 7FBA 7FBB 7FBC 7FBD 7FBE 7FBF 7FC0 7FC1 7FC2
58
0
0
0
0
17590
16604
96765
Figure 7. Histogram of a DC Input at the Code Center
0
–180
0
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
500
600
fS = 1.33MSPS
fIN = 10kHz
SNR = 91.6dB
THD = –114.9dB
SFDR = 113.8dB
SINAD = 91.6dB
Figure 8. FFT Plot
1.00
–1.00
0
65536
CODE
16384
32768
49152
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
POSITIVE DNL: 0.14LSB
NEGATIVE DNL: –0.14LSB
Figure 9. Differential Nonlinearity vs. Code
80k
0
7FF7
CODE IN HEX
7FF8 7FF9 7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003
70k
60k
50k
40k
30k
20k
10k
829
0
0
0
0
0
0
0
0
0
1146
67532
61565
Figure 10. Histogram of a DC Input at the Code Transition
95
85
–10
0
INPUT LEVEL (dB of Full Scale)
–9
–8
–7
–6
–5
–4
–3
–2
–1
94
93
92
91
90
89
88
87
86
Figure 11. SNR vs. Input Level


Número de pieza similar - AD7983BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7983BRMZ AD-AD7983BRMZ Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983BRMZRL7 AD-AD7983BRMZRL7 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
More results

Descripción similar - AD7983BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com