Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3801K33DCKR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS3801K33DCKR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 11 page www.ti.com TPS3800-xx TPS3801-xx TPS3802-xx SLVS219C – AUGUST 1999 – REVISED JULY 2003 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. AVAILABLE OPTIONS TA Device name THRESHOLD VOLTAGE TYP DELAY TIME MARKING TPS3801-01DCK Adjustable (Vref = 1.14 V) 200 ms ARF TPS3801E18DCK 1.71 V 200 ms ARE TPS3801J25DCK 2.25 V 200 ms NJA TPS3800G27DCK 2.5 V 95 ms ARI TPS3801L30DCK 2.64 V 200 ms NPA -40 °C to 85°C TPS3801K33DCK 2.93 V 200 ms NWA TPS3802L30DCK 2.64 V 380 ms ASA TPS3802K33DCK 2.93 V 380 ms ARK TPS3801T50DCK 4.00 V 25 ms AVI TPS3801I50DCK 4.55 V 200 ms NSA ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) (2) UNIT Supply voltage, VDD 7 V All other pins -0.3 V to 7 V Maximum low-output current, IOL 5 mA Maximum high-output current, IOH -5 mA Input-clamp current, IIK (VI < 0 or VI > VDD) ±20 mA Output-clamp current, IOK (VO < 0 or VO > VDD) ±20 mA Operating junction temperature range, TJ (3) -40 °C to 85°C Storage temperature range, Tstg -65 °C to 150°C Soldering temperature (3 seconds) 260 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. For reliable operation, the device should not be operated at 7 V for more than t=1000h continuously. (3) Due to the low dissipation power of this device, it is assumed that TJ = TA. RECOMMENDED OPERATING CONDITIONS min max unit TPS3801J25, TPS3801L30, TPS3801K33, TPS3801I50, 2 6 Supply voltage, VDD V TPS3801T50 All other devices 1.6 4 Input voltage, VI 0 VDD+0.3 V High-level input voltage, VIH 0.7 ×V DD V Low-level input voltage, VIL 0.3 ×V DD V Input transition rise and fall rate at MR, ∆t/∆V 100 ns/V Operating free-air temperature range, TA -40 85 °C 2 |
Número de pieza similar - TPS3801K33DCKR |
|
Descripción similar - TPS3801K33DCKR |