Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT9M034 Datasheet(PDF) 22 Page - ON Semiconductor

No. de pieza MT9M034
Descripción Electrónicos  1/3-Inch CMOS Digital Image Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button MT9M034_17 Datasheet HTML 18Page - ON Semiconductor MT9M034_17 Datasheet HTML 19Page - ON Semiconductor MT9M034_17 Datasheet HTML 20Page - ON Semiconductor MT9M034_17 Datasheet HTML 21Page - ON Semiconductor MT9M034_17 Datasheet HTML 22Page - ON Semiconductor MT9M034_17 Datasheet HTML 23Page - ON Semiconductor MT9M034_17 Datasheet HTML 24Page - ON Semiconductor MT9M034_17 Datasheet HTML 25Page - ON Semiconductor MT9M034_17 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
MT9M034
www.onsemi.com
22
Figure 16. Format of Embedded Data Output within a Frame
{register_
value_LSB}
8’h5A
Data line 1
Data line 2
8’h5A
8’hAA
{register_
address_MSB}
8’hA5
{register_
address_LSB}
8’h5A
{register_
value_MSB}
8’h5A
{register_
value_LSB}
data_format_
code =8’h0A
8’hAA
{register_
address_MSB}
8’hA5
{register_
address_LSB}
8’h5A
{register_
value_MSB}
8’h5A
data_format_
code =8’h0A
The data embedded in these rows are as follows:
0x0A0 − identifier
0xAA0
Register Address MSB of the first register
0xA50
Register Address LSB of the first register
0x5A0
Register Value MSB of the first register addressed
0x5A0
Register Value LSB of the first register addressed
0x5A0
Register Value MSB of the register at first address + 2
0x5A0
Register Value LSB of the register at first address + 2
0x5A0
etc.
Embedded Statistics
The embedded statistics contain frame identifiers and
histogram information of the image in the frame. This can be
used by downstream auto−exposure algorithm blocks to
make decisions about exposure adjustment.
This histogram is divided into 244 bins with a bin spacing
of 64 evenly spaced bins for digital code values 0 to 212, 120
evenly spaced bins for values 212 to 216, 60 evenly spaced
bins for values 216 to 220. In HDR with a 16x exposure ratio,
this approximately corresponds to the T1, T2, T3 exposures
respectively.
The first pixel of each line in the embedded statistics is a
tag value of 0x0B0. This signifies that all subsequent
statistics data is 10 bit data aligned to the MSB of the 12−bit
pixel.
The figure below summarizes how the embedded
statistics transmission looks like. It should be noted that
data, as shown in Figure 17, is aligned to the msb of each
word:
Figure 17. Format of Embedded Statistics Output within a Frame
{2’b00,frame
_countLSB}
{2’b00,frame
_IDMSB}
{2’b00,frame
_IDLSB}
histogram
bin0[9:0]
histogram
bin1[9:0]
#words=
10’h1EC
data_format_
code=8’h0B
#words=
10’h00C
data_format_
code=8’h0B
mean
[9:0]
histBegin
[19:10]
histBegin
[9:0]
histEnd
[19:10]
histEnd
[9:0]
lowEndMean
[19:10]
lowEndMean
[9:0]
perc_lowEnd
[19:10]
perc_lowEnd
[9:0]
norm_abs_
dev[19:10]
norm_abs_
dev[9:0]
8’h07
8’h07
8’h07
statsline1
statsline2
histogram
bin0[19:10]
histogram
bin243 [19:0]
histogram
bin243 [9:0]
histogram
bin1 [19:0]
mean
[19:10]


Número de pieza similar - MT9M034_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MT9M034I12STC-DPBR ONSEMI-MT9M034I12STC-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STC-DRBR ONSEMI-MT9M034I12STC-DRBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DRBR1 ONSEMI-MT9M034I12STC-DRBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STM-DPBR ONSEMI-MT9M034I12STM-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
More results

Descripción similar - MT9M034_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com