Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT9M131 Datasheet(PDF) 26 Page - ON Semiconductor

No. de pieza MT9M131
Descripción Electrónicos  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 22Page - ON Semiconductor MT9M131_17 Datasheet HTML 23Page - ON Semiconductor MT9M131_17 Datasheet HTML 24Page - ON Semiconductor MT9M131_17 Datasheet HTML 25Page - ON Semiconductor MT9M131_17 Datasheet HTML 26Page - ON Semiconductor MT9M131_17 Datasheet HTML 27Page - ON Semiconductor MT9M131_17 Datasheet HTML 28Page - ON Semiconductor MT9M131_17 Datasheet HTML 29Page - ON Semiconductor MT9M131_17 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
MT9M131
www.onsemi.com
26
Table 11. CAMERA CONTROL REGISTER DESCRIPTION (continued)
Register Number
Dec − Hex
Description
Bit 13
Reserved
Bit 12
Defect correction context. See R0x14C and R0x14D
0: Context A
1: Context B
Bit 11
Bit 10
Resize/zoom context. Switch resize/zoom contexts:
0: Context A
1: Context B
Bit 9
Output format control 2 context. See R0x13A and R0x19B
0: Context A
1: Context B
Bit 8
Gamma table context
0: Context A
1: Context B
Bit 7
Arm xenon flash
Bit 6
Blanking control. This is primarily for use by the internal sequencer when taking automated (for example, flash)
snapshots. Setting this bit stops frames from being sent over the BT656 external pixel interface. This is useful for
ensuring that the desired frame during a snapshot sequence is the only frame captured by the host.
0: Do not blank frames to host
1: Blank frames to host
Bit 5
Reserved
Bit 4
Reserved
Bit 3
Sensor read mode context (skip mode, power mode, see R0x33:0 and R0x32:0
0: Context A
1: Context B
Bit 2
LED flash ON:
0: Turn off LED Flash
1: Turn on LED Flash
Bit 1
Vertical blanking context:
0: Context A
1: Context B
Bit 0
Horizontal blanking context:
0: Context A
1: Context B
R240:2 − 0x2F0 − Page Map (R/W)
Default
0x0000
Description
This register specifies the register address page for the two-wire interface protocol
Bits 2:0
Page address:
“000” − Sensor address page
“001” − Colorpipe address page
“010” − Camera control address page
R241:2 − 0x2F1 − Byte-Wise Address (R/W)
Default
N/A
Description
Special address to perform 8-bit READs and WRITEs to the sensor. For additional information, see “Two-Wire
Serial Interface Sample” and “Appendix A – Serial Bus Description”.
NOTE: Registers marked “(R/W*)” are normally read-only (R/O) registers, except under special circumstances (detailed in the register
description), when some or all bits of the register become read-writable (R/W).


Número de pieza similar - MT9M131_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com