Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT9P401 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MT9P401
Descripción Electrónicos  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P401 Datasheet(HTML) 1 Page - ON Semiconductor

  MT9P401_17 Datasheet HTML 1Page - ON Semiconductor MT9P401_17 Datasheet HTML 2Page - ON Semiconductor MT9P401_17 Datasheet HTML 3Page - ON Semiconductor MT9P401_17 Datasheet HTML 4Page - ON Semiconductor MT9P401_17 Datasheet HTML 5Page - ON Semiconductor MT9P401_17 Datasheet HTML 6Page - ON Semiconductor MT9P401_17 Datasheet HTML 7Page - ON Semiconductor MT9P401_17 Datasheet HTML 8Page - ON Semiconductor MT9P401_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
© Semiconductor Components Industries, LLC, 2007
May, 2017 − Rev. 6
1
Publication Order Number:
MT9P401/D
MT9P401
MT9P401 1/2.5-Inch 5 Mp
CMOS Digital Image Sensor
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Value
Optical Format
1/2.5−inch (4:3)
Active Imager Size
5.70 mm (H) x 4.28 mm (V)
7.13 mm Diagonal
Active Pixels
2592 (H) x 1944 (V)
Pixel Size
2.2 x 2.2 μm
Color Filter Array
RGB Bayer Pattern
Shutter Type
Global Reset Release (GRR),
Snapshot Only
Electronic Rolling Shutter (ERS)
Maximum Data Rate/
Master Clock
96 Mp/s at 96 MHz (2.8 V I/O)
48 Mp/s at 48 MHz (1.8 V I/O)
Frame Rate
Full Resolution
Programmable up to fps
HDTV (1280 x 720) Programmable up to 60 fps
ADC Resolution
12−bit, On−chip
Responsivity
1.4 V/lux−sec (550 nm)
Pixel Dynamic Range
70.1 dB
SNRMAX
38.1 dB
Supply Voltage
I/O
1.7−3.1 V
Digital
1.7−1.9 V (1.8 V Nominal)
Analog
2.6−3.1 V (2.8 V Nominal)
Power Consumption
381 mW at 15 fps Full Resolution
Operating Temperature
–30
°C to +70°C
Packaging
48−pin iLCC, Die
Features
High Frame Rate
Superior Low−light Performance
Low Dark Current
Global Reset Release, which Starts the Exposure of all Rows
Simultaneously
Bulb Exposure Mode, for Arbitrary Exposure Times
Snapshot Mode to Take Frames on Demand
Horizontal and Vertical Mirror Image
Column and Row Skip Modes to Reduce Image Size without
Reducing Field−of−view (FOV)
Column and Row Binning Modes to Improve Image Quality when
Resizing
www.onsemi.com
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
ILCC48 10x10
CASE 847AA
Features (continued)
Simple Two−wire Serial Interface
Programmable Controls: Gain, Frame Rate,
Frame Size, Exposure
Automatic Black Level Calibration
On−chip Phase−locked Loop (PLL)
720p HDTV Video at 60 fps
Applications
Digital Still Cameras
Digital Video Cameras
PC Cameras
Converged DSCs/camcorders
Cellular Phones
PDAs


Número de pieza similar - MT9P401_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MT9P401I12STC-DP ONSEMI-MT9P401I12STC-DP Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9P401I12STC-DR ONSEMI-MT9P401I12STC-DR Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
More results

Descripción similar - MT9P401_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com