Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PYTHON480 Datasheet(PDF) 63 Page - ON Semiconductor

No. de pieza PYTHON480
Descripción Electrónicos  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 59Page - ON Semiconductor PYTHON480 Datasheet HTML 60Page - ON Semiconductor PYTHON480 Datasheet HTML 61Page - ON Semiconductor PYTHON480 Datasheet HTML 62Page - ON Semiconductor PYTHON480 Datasheet HTML 63Page - ON Semiconductor PYTHON480 Datasheet HTML 64Page - ON Semiconductor PYTHON480 Datasheet HTML 65Page - ON Semiconductor PYTHON480 Datasheet HTML 66Page - ON Semiconductor PYTHON480 Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
PYTHON 480
www.onsemi.com
63
Mechanical Specifications
Mechanical Specifications
Symbol
Min
Typ
Max
Units
Package Body
Dimensions (Top View,
Bumps down, with Pin
A1 top left corner)
Package Body Dimension X
A
6105
6130
6155
mm
Package Body Dimension Y
B
4905
4930
4955
mm
Package Height
C
631.2
691.2
751.2
mm
Ball Height
C1
100
130
160
mm
Package Body Thickness
C2
516.2
561.2
606.2
mm
Thickness fo Glass surface to wafer
C3
425
445
465
mm
Ball Diameter
D
220
250
280
mm
Total Pin Count
N
67
mm
Pin Count X−axis
N1
11
mm
Pin Count Y−axis
N2
8
mm
Pins Pitch X−axis
J1
500
mm
Pins Pitch Y−axis
J2
500
mm
Edge to Pin Center Distance along X
S1
535
565
595
mm
Edge to Pin Center Distance along Y
S2
685
715
745
mm
Optical center referenced from package
center (X−dir)
0
mm
Optical center referenced from package
center (Y−dir)
−175
mm
Glass Lid
Glass Thickness
400
mm
Mechanical shock
JESD22−B104C; Condition G
2000
g
Vibration
JESD22−B103B; Condition 1
2000
Hz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.


Número de pieza similar - PYTHON480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

Descripción similar - PYTHON480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com