Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3956-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE3956-60
Descripción Electrónicos  SMA Male to SMA Female Bulkhead Cable 60 Inch Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3956-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3956-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female Bulkhead
• Cable Type: RG58
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Velocity of Propagation
65.9
%
RF Shielding
45
dB
Capacitance
30.8 [101.05]
pF/ft [pF/m]
.
Mechanical Specifications
Cable Assembly
Length*
60 in [152.4 cm]
.
Weight
0.165 lbs [74.84 g]
Cable
Cable Type
RG58
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Tin
Dielectric Type
PE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC (NC), Black
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
2 in [50.8 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable 60 Inch Length Using RG58 Coax PE3956-60
PE3956-60 REV 1.1
SMA Male to SMA Female Bulkhead Cable
60 Inch Length Using RG58 Coax
RF Cable Assemblies Technical Data Sheet
PE3956-60


Número de pieza similar - PE3956-60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results

Descripción similar - PE3956-60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3835LF-60 PASTERNACK-PE3835LF-60 Datasheet
662Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length
PE3835-60 PASTERNACK-PE3835-60 Datasheet
656Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length
PE3825LF-60 PASTERNACK-PE3825LF-60 Datasheet
373Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length RF Cable
PE3825-60 PASTERNACK-PE3825-60 Datasheet
368Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length RF Cable
PE3836LF-60 PASTERNACK-PE3836LF-60 Datasheet
667Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length
PE3836-60 PASTERNACK-PE3836-60 Datasheet
660Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length
PE3832-60 PASTERNACK-PE3832-60 Datasheet
347Kb / 4P
   SMA Male to SMA Female Cable 60 Inch Length
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com