Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM93LC66VGSA Datasheet(PDF) 6 Page - Anachip Corp

No. de pieza AM93LC66VGSA
Descripción Electrónicos  4096-bits Serial Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANACHIP [Anachip Corp]
Página de inicio  
Logo ANACHIP - Anachip Corp

AM93LC66VGSA Datasheet(HTML) 6 Page - Anachip Corp

Back Button AM93LC66VGSA Datasheet HTML 2Page - Anachip Corp AM93LC66VGSA Datasheet HTML 3Page - Anachip Corp AM93LC66VGSA Datasheet HTML 4Page - Anachip Corp AM93LC66VGSA Datasheet HTML 5Page - Anachip Corp AM93LC66VGSA Datasheet HTML 6Page - Anachip Corp AM93LC66VGSA Datasheet HTML 7Page - Anachip Corp AM93LC66VGSA Datasheet HTML 8Page - Anachip Corp AM93LC66VGSA Datasheet HTML 9Page - Anachip Corp AM93LC66VGSA Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4096-bits Serial Electrically Erasable PROM
AM93LC66
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
6/10
ATC
Timing Diagram (1)
FIGURE 2. SYNCHRONOUS DATA TIMING
T
t
SKH
t
SKL
t
CSH
t
CSS
CS
SK
DI
DO(READ)
DO(WRITE)
(WRALL)
(ERASE)
(ERALL)
t
SV
STATUS VALID
t
DF
t
DF
t
PD1
t
PDO
t
DIS
t
DIH
FIGURE 3. DATA READ CYCLE TIMING
CS
SK
+
AO
AN
0
1
1
DI
DN
DO
O
DO
TRI-STATE
+For all instructions, SK cycles before start bit don't care.
*Address Pointer Cycle to the Next Register.
*
t
CS


Número de pieza similar - AM93LC66VGSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
More results

Descripción similar - AM93LC66VGSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
XLS93C66 ETC1-XLS93C66 Datasheet
237Kb / 9P
   4096-Bit Serial Electrically Erasable PROM with 2V Capability
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com