Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD123D-B120R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza CD123D-B120R
Descripción Electrónicos  Schottky Barrier Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD123D-B120R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD123D-B120R Datasheet HTML 1Page - Bourns Electronic Solutions CD123D-B120R Datasheet HTML 2Page - Bourns Electronic Solutions CD123D-B120R Datasheet HTML 3Page - Bourns Electronic Solutions CD123D-B120R Datasheet HTML 4Page - Bourns Electronic Solutions CD123D-B120R Datasheet HTML 5Page - Bourns Electronic Solutions CD123D-B120R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
RoHScompliant*
n
Leadlesschipform
n
Highcurrentcapability
n
Lowforwardvoltage
n
Halogenfree**
Applications
n
SwitchModePowerSupplies(SMPS)
n
Portableequipmentbatteries
n
Highfrequencyrectification
n
DC/DCconverters
n
Telecommunications
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
CD123D-B1xRSchottkyBarrierChipDiodeSeries
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Parameter
Symbol
CD123D-
Unit
B120R
B140R
B140LR
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
40
V
Maximum Average Forward Rectified Current (TA = 55 °C)
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
20
A
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
General Information
Portable communications, computing and video equipment manufacturers are challenging
the semiconductor industry to develop increasingly smaller electronic components.
Bourns offers small-signal Schottky Barrier Diodes for switching and rectification applications,
in a compact chip package compatible with SOD-123 size format. The Schottky Barrier Diodes
offer a forward current of 1 A with a choice of repetitive peak reverse voltage of 20 V and 40 V.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Instantaneous Forward Voltage
VF
IF = 0.1A
CD123D-B120R
CD123D-B140R
0.32
V
IF = 0.5 A
0.40
IF = 1.0 A
0.46
0.50
IF = 0.1A
CD123D-B140LR
0.24
IF = 0.5 A
0.31
IF = 1.0 A
0.37
0.38
Repetitive Peak Reverse Current
IR
VR = VRRM
CD123D-B120R
CD123D-B140R
0.015
0.2
mA
CD123D-B140LR
0.30
1.0
Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz
CD123D-B120R
CD123D-B140R
110
pF
CD123D-B140LR
115
Thermal Resistance
RθJA
Junction to Ambient (1)
190
°C/W
RθJL
Junction to Case (2)
60
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
NOTES: (1) Pulse test width PW = 300 us, 1 % duty cycle.
(2) Mounted on P.C. board with 2.73 x 1.6 mm and 0.86 x 1.6 mm copper pad areas.


Número de pieza similar - CD123D-B120R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD123D-B120R BOURNS-CD123D-B120R Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
More results

Descripción similar - CD123D-B120R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com