Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7323BRUZ Datasheet(PDF) 33 Page - Analog Devices |
|
AD7323BRUZ Datasheet(HTML) 33 Page - Analog Devices |
33 / 37 page AD7323 Data Sheet Rev. B | Page 32 of 36 SERIAL INTERFACE Figure 51 shows the timing diagram for the serial interface of the AD7323. The serial clock applied to the SCLK pin provides the conversion clock and controls the transfer of information to and from the AD7323 during a conversion. The CS signal initiates the data transfer and the conversion process. The falling edge of CS puts the track-and-hold into hold mode and takes the bus out of three-state. Then the analog input signal is sampled. When the conversion is initiated, it requires 16 SCLK cycles to complete. The track-and-hold goes back into track mode on the 14th SCLK rising edge. On the 16th SCLK falling edge, the DOUT line returns to three-state. If the rising edge of CS occurs before 16 SCLK cycles have elapsed, the conversion is terminated, and the DOUT line returns to three-state. Depending on where the CS signal is brought high, the addressed register may be updated. Data is clocked into the AD7323 on the SCLK falling edge. The three MSBs on the DIN line are decoded to select which register is being addressed. The control register is a 12-bit register. If the control register is addressed by the three MSBs, the data on the DIN line is loaded into the control on the 15th SCLK falling edge. If the sequence register or the range register is addressed, the data on the DIN line is loaded into the addressed register on the 11th SCLK falling edge. Conversion data is clocked out of the AD7323 on each SCLK falling edge. Data on the DOUT line consists of a zero bit, two channel identifier bits, a sign bit, and a 12-bit conversion result. The channel identifier bits are used to indicate which channel corresponds to the conversion result. The zero bit is clocked out on the CS falling edge, and the ADD1 bit is clocked out on the first SCLK falling edge. ADD1 1 2 3 4 5 13 14 15 16 WRITE REG SEL1 REG SEL2 LSB MSB ADD0 SIGN DB11 DB10 DB2 DB1 DB0 t2 t6 t4 t9 t10 t3 t7 t5 t8 t1 tQUIET tCONVERT SCLK CS DOUT THREE- STATE THREE-STATE DIN ZERO 2 IDENTIFICATION BITS DON’T CARE Figure 51. Serial Interface Timing Diagram (Control Register Write) |
Número de pieza similar - AD7323BRUZ |
|
Descripción similar - AD7323BRUZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |