Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7323BRUZ Datasheet(PDF) 26 Page - Analog Devices

No. de pieza AD7323BRUZ
Descripción Electrónicos  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7323BRUZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7323BRUZ Datasheet HTML 22Page - Analog Devices AD7323BRUZ Datasheet HTML 23Page - Analog Devices AD7323BRUZ Datasheet HTML 24Page - Analog Devices AD7323BRUZ Datasheet HTML 25Page - Analog Devices AD7323BRUZ Datasheet HTML 26Page - Analog Devices AD7323BRUZ Datasheet HTML 27Page - Analog Devices AD7323BRUZ Datasheet HTML 28Page - Analog Devices AD7323BRUZ Datasheet HTML 29Page - Analog Devices AD7323BRUZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 25 of 36
SEQUENCE REGISTER
The sequence register on the AD7323 is a 4-bit, write-only register.
Each of the four analog input channels has one corresponding
bit in the sequence register. To select a channel for inclusion in
the sequence, set the corresponding channel bit to 1 in the
sequence register.
RANGE REGISTER
The range register is used to select one analog input range per
analog input channel. It is an 8-bit, write-only register with two
dedicated range bits for each of the analog input channels from
Channel 0 to Channel 3. There are four analog input ranges,
±10 V, ±5 V, ±2.5 V, and 0 V to +10 V. A write to the range
register is selected by setting the write bit to 1 and the register
select bits to 0 and 1. After the initial write to the range register
occurs, each time an analog input is selected, the AD7323
automatically configures the analog input to the appropriate
range, as indicated by the range register. The ±10 V input range
is selected by default on each analog input channel (see Table 13).
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN0
VIN1
VIN2
VIN3
0
0
0
0
0
0
0
0
0
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN0A
VIN0B
VIN1A
VIN1B
VIN2A
VIN2B
VIN3A
VIN3B
0
0
0
0
0
Table 13. Range Selection
VINxA
VINxB
Description
0
0
This combination selects the ±10 V input range on VINx.
0
1
This combination selects the ±5 V input range on VINx.
1
0
This combination selects the ±2.5 V input range on VINx.
1
1
This combination selects the 0 V to +10 V input range on VINx.


Número de pieza similar - AD7323BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7323BRUZ AD-AD7323BRUZ Datasheet
732Kb / 36P
   500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7323BRUZ-REEL AD-AD7323BRUZ-REEL Datasheet
732Kb / 36P
   500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7323BRUZ-REEL7 AD-AD7323BRUZ-REEL7 Datasheet
732Kb / 36P
   500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

Descripción similar - AD7323BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7323 AD-AD7323 Datasheet
732Kb / 36P
   500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com