Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZT530S36 Datasheet(PDF) 3 Page - Power Semiconductors

No. de pieza AZT530S36
Descripción Electrónicos  HIGH CURRENT PHASE CONTROL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POSEICO [Power Semiconductors]
Página de inicio  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AZT530S36 Datasheet(HTML) 3 Page - Power Semiconductors

  AZT530S36 Datasheet HTML 1Page - Power Semiconductors AZT530S36 Datasheet HTML 2Page - Power Semiconductors AZT530S36 Datasheet HTML 3Page - Power Semiconductors AZT530S36 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZT530 HIGH CURRENT PHASE CONTROL
FINAL SPECIFICATION
May 17 - Issue: 3
DISSIPATION CHARACTERISTICS
SINE WAVE
180°
120°
90°
60°
30°
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
Th [°C]
IT(AV) [A]
180°
120°
90°
60°
30°
0
200
400
600
800
1000
1200
1400
1600
1800
0
200
400
600
800
1000
PF(AV) [W]
IT(AV) [A]


Número de pieza similar - AZT530S36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Semiconductors
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT1150S08 POSEICO-AZT1150S08 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT310HVI POSEICO-AZT310HVI Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT310HVIS56 POSEICO-AZT310HVIS56 Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
More results

Descripción similar - AZT530S36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT460 POSEICO-AZT460 Datasheet
151Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT740 POSEICO-AZT740 Datasheet
197Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT630 POSEICO-AZT630 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT800 POSEICO-AZT800 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT310HVI POSEICO-AZT310HVI Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com