Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT34TS00 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT34TS00
Descripción Electrónicos  1.8 V Digital Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS00 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT34TS00_16 Datasheet HTML 2Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 3Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 4Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 5Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 6Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 7Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 8Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 9Page - ON Semiconductor CAT34TS00_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT34TS00
www.onsemi.com
6
Figure 4. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
30%
30%
70%
30%
70%
30%
30%
70%
70%
70%
70%
70%
70%
SCL
SDA IN
Figure 5. Bus Timing
tBUF
tSU:STO
tF
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tR
tLOW
tHIGH
tDH
SDA OUT
30%
70%
Write Operations
To write data to one of the internal registers, the Master
creates a START condition on the bus, and then sends out the
appropriate Slave address (with the R/W bit set to ‘0’),
followed by the register address, followed by two data bytes.
The matching Slave will acknowledge the Slave address,
register address and each data byte (Figure 6). The Master
then ends the session by creating a STOP condition on the
bus. The STOP completes the register update.
Read Operations
Immediate Read
A CAT34TS00 presented with a Slave address containing
a ‘1’ in the R/W position will acknowledge the Slave address
and will then start transmitting the content of the register at
the current address pointer location. The Master stops this
transmission by responding with NoACK, followed by a
STOP (Figure 7).
Selective Read
The Read operation can be started from a specific address,
by preceding the Immediate Read sequence with a ‘data less’
Write sequence. The Master sends out a START, Slave
address and register address, but rather than following up
with data (as in a Write operation), the Master then issues
another START and continues with an Immediate Read
sequence (Figure 8).
Figure 6. Temperature Sensor Register Write
SLAVE
REGISTER
ADDRESS
ADDRESS
TS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
SLAVE
S
T
A
R
T
A
C
K
DATA (MSB)
DATA (LSB)
A
C
K
A
C
K
A
C
K
A
C
K
P
S
T
O
P


Número de pieza similar - CAT34TS00_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT34TS00 ONSEMI-CAT34TS00 Datasheet
104Kb / 14P
   Digital Temperature Sensor
July, 2014 ??Rev. 0
More results

Descripción similar - CAT34TS00_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP114 TI-TMP114 Datasheet
1Mb / 43P
[Old version datasheet]   TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
TMP114 TI-TMP114_V03 Datasheet
1Mb / 53P
[Old version datasheet]   TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
MAY 2022
TMP114 TI-TMP114_V01 Datasheet
1Mb / 50P
[Old version datasheet]   TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com