Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4U-A5881-2 Datasheet(PDF) 3 Page - Bel Fuse Inc.

No. de pieza 4U-A5881-2
Descripción Electrónicos  High Performance Servers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

4U-A5881-2 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  4U-A5881-2 Datasheet HTML 1Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 2Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 3Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 4Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 5Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 6Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 7Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 8Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
tech.support@psbel.com
General Condition: TA = 0… 45°C unless otherwise specified.
Main Output V1
V1 nom
Nominal Output Voltage
0.5
∙I1 nom, Tamb = 25 °C
12.0
VDC
V1 set
Output Setpoint Accuracy
-0.5
+0.5
%
V1 nom
d
V1 tot
Total Regulation
Vi min to Vi max, 0 to 100% I1 nom, Ta min to Ta max
-1
+1
%
V1 nom
P1 nom
Nominal Output Power
V1 = 12 VDC
1080
W
I1 nom
Nominal Output Current
V1 = 12 VDC
90.0
ADC
v1 pp
Output Ripple Voltage
V1 nom, I1 nom, 20 MHz BW,
10nF/16V/X7R/1210 + 10uF/16V at
V1
150
mVpp
d
V1 Load
Load Regulation
Vi = Vi nom, 0 - 100 % I1 nom
80
mV
d
V1 Line
Line Regulation
Vi =Vi min…Vi max
10
mV
I1 max
Current Limitation
95
105
ADC
d
Ishare
Current Sharing
Deviation from
I1 tot / N, I1 > 10%
-3
+3
A
d
Vdyn
Dynamic Load Regulation
ΔI1 = 50% I1 nom, I1 = 5 … 100% I1 nom,
d
I1/dt = 1 A/μs, recovery within 1% of V1 nom
-0.6
0.6
V
Trec
Recovery Time
1
ms
tAC V1
Start-Up Time From DC
V1 = 10.8 VDC
2
sec
tV1 rise
Rise Time
V1 = 10…90% V1 nom
1
10
ms
CLoad
Capacitive Loading
Ta = 25 °C
10 000
μF
Standby Output VSB
VSB nom
Nominal Output Voltage
0.5
∙ISB nom, Tamb = 25 °C
VSB_SEL = 1
3.3
VDC
VSB_SEL = 0
5.0
VDC
VSB set
Output Setpoint Accuracy
VSB_SEL = 0 / 1
-0.5
+0.5
%
V1 nom
dVSB tot
Total Regulation
Vi min to Vi max, 0 to 100% ISB nom, Ta min to Ta max
-2
+2
%
VSBnom
PSB nom
Nominal Output Power
VSB_SEL = 0 / 1
16.5
W
ISB nom
Nominal Output Current
VSB = 3.3 VDC
5
ADC
VSB = 5.0 VDC
3.3
ADC
VSB pp
Output Ripple Voltage
VSB nom, ISB nom, 20 MHz BW,
10nF/16V/X7R/1210 + 10uF/16V at
VSB
100
mVpp
d
VSB
Droop
0 - 100 %
ISB nom
VSB_SEL = 1
67
mV
VSB_SEL = 0
44
mV
ISB max
Current Limitation
VSB_SEL = 1
5.25
6
ADC
VSB_SEL = 0
3.45
4.3
ADC
d
VSBdyn
Dynamic Load Regulation
ΔISB = 50% ISB nom, ISB = 5 … 100% ISB nom, dIo/dt =
0.5 A/
μs, recovery within 1% of V1 nom
-3
3
%
VSBnom
Trec
Recovery Time
250
μs
tAC VSB
Start-Up Time From DC Input
VSB = 90% VSB nom
2
sec
tVSB rise
Rise Time
VSB = 10…90% VSB nom
4
10
ms
CLoad
Capacitive Loading
Tamb = 25 °C
10000
μF


Número de pieza similar - 4U-A5881-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
4U-0010-0614-7 3M-4U-0010-0614-7 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0615-4 3M-4U-0010-0615-4 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0618-8 3M-4U-0010-0618-8 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0629-5 3M-4U-0010-0629-5 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0649-3 3M-4U-0010-0649-3 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
More results

Descripción similar - 4U-A5881-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
PFE1500-12-054 BEL-PFE1500-12-054 Datasheet
1Mb / 27P
   High Performance Servers
logo
Intel Corporation
PRO1000MT INTEL-PRO1000MT Datasheet
421Kb / 2P
   High-Performance Gigabit Copper Connection for Servers
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com