Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IN74HC125A Datasheet(PDF) 4 Page - Integral Corp.

No. de pieza IN74HC125A
Descripción Electrónicos  Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC125A Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC125A Datasheet HTML 1Page - Integral Corp. IN74HC125A Datasheet HTML 2Page - Integral Corp. IN74HC125A Datasheet HTML 3Page - Integral Corp. IN74HC125A Datasheet HTML 4Page - Integral Corp. IN74HC125A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HC125A
121
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A to
Output Y (Figures 1 and 3)
2.0
4.5
6.0
90
18
15
115
23
20
135
27
23
ns
tPLZ, tPHZ
Maximum Propagation Delay, Output Enable toY
(Figures 2 and 4)
2.0
4.5
6.0
120
24
20
150
30
26
180
36
31
ns
tPZL, tPZH
Maximum Propagation Delay, Output Enable toY
(Figures 2 and 4)
2.0
4.5
6.0
90
18
15
115
23
20
135
27
23
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State)
-
151515
pF
Power Dissipation Capacitance (Per Buffer)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
45
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Número de pieza similar - IN74HC125A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74HC125AD IKSEMICON-IN74HC125AD Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74HC125AN IKSEMICON-IN74HC125AN Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
More results

Descripción similar - IN74HC125A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD5424 ETC1-AD5424 Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT125A KODENSHI-KK74HCT125A Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT125A IKSEMICON-IN74HCT125A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
IN74HCT126A IKSEMICON-IN74HCT126A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT126 SLS-SL74HCT126 Datasheet
44Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT126A KODENSHI-KK74HCT126A Datasheet
212Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT125 SLS-SL74HCT125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74AC125 KODENSHI-KK74AC125 Datasheet
245Kb / 5P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC125 IKSEMICON-IN74AC125 Datasheet
181Kb / 5P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC125 INTEGRAL-IN74AC125 Datasheet
121Kb / 4P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com