Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3442 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 2SK3442
Descripción Electrónicos  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3442 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3442 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3442
2002-08-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442
Switching Regulator, DC-DC Converter and
Motor Drive Applications
· Low drain-source ON resistance: RDS (ON) = 15 mΩ (typ.)
· High forward transfer admittance: ïYfsï = 28 S (typ.)
· Low leakage current: IDSS = 100 µA (VDS = 100 V)
· Enhancement-mode: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
100
V
Drain-gate voltage (RGS = 20 kW)
VDGR
100
V
Gate-source voltage
VGSS
±30
V
DC (Note 1)
ID
45
Drain current
Pulse
(Note 1)
IDP
180
A
Drain power dissipation
(Tc
= 25°C)
PD
125
W
Single pulse avalanche energy
(Note 2)
EAS
468
mJ
Avalanche current
IAR
45
A
Repetitive avalanche energy (Note 3)
EAR
12.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
1.00
°C/W
Note 1: Please use devices on condition that the channel temperature
is below 150°C.
Note 2
VDD = 25 V, Tch = 25°C (initial), L = 373 mH, RG = 25 W, IAR = 45 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-97
TOSHIBA
2-9F1B
Weight: 0.74 g (typ.)
Notice:
Please use the S1 pin for gate input
signal return. Make sure that the
main current flows into S2 pin.
1
2
3
4


Número de pieza similar - 2SK3442

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3442 TOSHIBA-2SK3442 Datasheet
167Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3442 TOSHIBA-2SK3442_06 Datasheet
167Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

Descripción similar - 2SK3442

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com